Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download 74LVQ14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74LVQ14
HEX SCHMITT INVERTER
s s s
s
s
s
s s
s
s
s
HIGH SPEED: tPD = 6 ns (TYP.) at VCC = 3.3V COMPATIBLE WITH TTL OUTPUTS LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA = 25 oC LOW NOISE: VOLP = 0.3 V (TYP.) at VCC = 3.3V 75 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12 mA (MIN) PCI BUS LEVELS GUARANTEED AT 24mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 14 IMPROVED LATCH-UP IMMUNITY
M (Micro Package)
T (TSSOP Package)
ORDER CODES : 74LVQ14M 74LVQ14T including buffer output, which enables high noise immunity and stable output. It has better speed performance at 3.3V than 5V lsttl family combined with the true CMOS low power consumption. Pin configuration and function are the same as those of the LVQ04 but the LVQ14 has hysteresis between the positive and negative input threshold typically of 1V. This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
DESCRIPTION The LVQ14 is a low voltage CMOS HEX SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. The internal circuit is composed of 3 stages
PIN CONNECTION AND IEC LOGIC SYMBOLS
February 1999
1/8
74LVQ14
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 SYMBOL 1A to 6A 1Y to 6Y GND VCC NAME AND FUNCT ION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L H Y H L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top Input Voltage Output Voltage Operating Temperature: Parameter Supply Voltage (note 1) Valu e 2 to 3.6 0 to VCC 0 to VCC -40 to +85 Unit V V V
o
C
1) Truth Table guaranteed: 1.5V to 3.6V
2/8
74LVQ14
DC SPECIFICATIONS
Symb ol Parameter V CC (V) Vt+ VtVH VOH Positive Input Threshold Negative Input Threshold Hysteresis Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Quiescent Supply Current Dynamic Output Current (note 1, 2) 3.0 3.0 3.0 3.0 V I (* ) = V IL VI = V IH
(* )
Test Co nditions Min. 0.9 0.3 I O =-50 A IO=-12 mA IO=-24 mA IO=50 A IO=12 mA IO=24 mA 2.9 2.58 0.002 0 2.99 T yp.
Valu e T A = 25 oC Max. 2.2 0.9 1.2 0.3 2.9 2.48 2.2 0.1 0.36 0.1 2 36 -25 0.1 0.44 0.55 1 20 1.2 -40 to 85 o C Min. Max. 2.2
Un it
V V V V
VOL
3.0
V A A mA mA
II ICC IOLD IOHD
3.6 3.6 3.6
VI = VCC or GND VI = VCC or GND VOLD = 0.8 V max VOHD = 2 V min
1) Maximum test duration 2ms, one output loaded attime 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50 . (*) All outputs loaded.
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol Parameter V CC (V) VOLP VOLV VIHD VILD Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3) 3.3 -0.8 3.3 3.3 C L = 50 pF 0.8 Test Co nditions
o
Valu e T A = 25 C Min. T yp. 0.3 -0.3 2 Max. 0.8 -40 to 85 C Min. Max.
o
Un it
V
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n -1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD).,f=1MHz.
3/8
74LVQ14
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf =3 ns)
Symb ol Parameter V CC (V) tPLH tPHL tOSLH tOSHL Propagation Delay Time Output to Output Skew Time (note 1, 2) 2.7 3.3(*) 2.7 3.3(*) T est Con ditio n Valu e T A = 25 oC -40 to 85 o C Min. T yp. Max. Min. Max. 7.0 16.0 19.0 6.0 0.5 0.5 11.5 1.0 1.0 13.0 1.5 1.5 Un it
ns ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
CAPACITIVE CHARACTERISTICS
Symb ol Parameter V CC (V) C IN CPD Input Capacitance Power Dissipation Capacitance (note 1) 3.3 3.3 fIN = 10 MHz Test Co nditions
o
Valu e -40 to 85 C T A = 25 C Min. T yp. Max. Min. Max. 4 29
o
Un it
pF pF
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/6(per gate)
4/8
74LVQ14
TEST CIRCUIT
CL = 50 pF or equivalent (includes jigand probe capacitance) RL = R1 = 500 orequivalent RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
5/8
74LVQ14
SO-14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
6/8
74LVQ14
TSSOP14 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/8
74LVQ14
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of 74LVQ14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X